Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE500 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE500
Description  Internet Office 500VA Tower Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE500 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE500 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNETOFFICE500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Shipping weight (kg)
7
UPS housing material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
60.8
Battery mode BTU / hr. (full load)
334.5
AC mode efficiency rating (100%
load)
94%
COMMUNICATIONS
Communications interface
USB (HID enabled)
PowerAlert software
Free download from www.tripplite.com
Communications cable
USB interface cable included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
99V (adjustable to 83V via potentiometer)
High voltage transfer to battery
power (setpoint)
176 (adjustable to 147 via potentiometer)
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com