Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE700
Description  Internet Office 700VA Tower Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE700 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Internet Office 700VA Tower Standby 120V UPS with
USB port
MODEL NUMBER: INTERNETOFFICE700
Description
Tripp Lite's INTERNETOFFICE700 standby UPS system offers surge suppression and long-lasting battery support for personal computers, internetworking
equipment and other sensitive electronics. Internal UPS circuits support entry-level PC systems for up to 45 minutes during power failures and brownouts so
that connected equipment can be shut down without data loss. Offers complete desktop power protection in an attractive gray tower configuration. Includes 3
battery-supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system
accessories not requiring battery support. HID-compliant USB port enables optional unattended system shutdown without data loss in the case of extended
power failure; USB cable included. HID compliant USB port enables integration with built-in power management and auto shutdown features of Windows and
Mac OS X. PowerAlert software available via FREE download from es.tripplite.com. Built-in RJ45 TEL/Ethernet suppression jacks protect modem, fax machine,
cordless phone or other peripheral with a standard single-line tel/DSL or data line connection. Built-in audible alarm and 3 front panel LEDs indicate line power
status, battery power status and battery low/replace status. 700VA/425W power handling ability supports entry-level PCs, network workstations, point-of-sale
equipment, small business phone systems, audio/video equipment and home theater systems. Offers 3.9 min. battery runtime with a full load of 700VA and
11.2 min. with a half load of 350VA. Supports user battery replacement via built-in access panel. $150,000 connected equipment insurance (USA and Canada
Only).
Features
INTERNETOFFICE700 standby UPS system offers UPS battery support, plus complete AC and tel/Ethernet line surge suppression
Supports entry-level PC systems for up to 45 min. during brownouts and power failures to enable a safe system shutdown
Supports a max load of 700VA/425W for 3.9 min.
Supports a half load of 350VA/215W for 11.2 min.
Supplies battery-derived AC output during brownouts starting at 99V, user adjustment allows fine tuning of brownout response to any setting from 83V to
99V
Attractive gray tower configuration
Includes 3 battery-supported outlets plus 3 additional surge suppression-only outlets, and 6-ft. AC line cord (all NEMA 5-15)
HID-compliant USB port enables unattended shutdown without data loss during extended power failures; includes USB cable
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
USB interface supports timed inverter shutoff after unattended shutdown
PowerAlert software available via FREE download from es.tripplite.com
Highlights
700VA tower 120V standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
INTERNETOFFICE700 UPS
System
USB cable
Phone cable
Instruction manual
1 / 5


Similar Part No. - INTERNETOFFICE700

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNETOFFICE700 TRIPPLITE-INTERNETOFFICE700 Datasheet
489Kb / 5P
Internet Office 700VA Tower Standby 120V UPS with USB port
INTERNETOFFICE700 TRIPPLITE-INTERNETOFFICE700_15 Datasheet
489Kb / 5P
Internet Office 120V 700VA 425W Standby UPS,USB port, 6 Outlets, Tel,DSL,Ethernet Protection
More results

Similar Description - INTERNETOFFICE700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE500 ETC2-INTERNETOFFICE500 Datasheet
502Kb / 6P
Internet Office 500VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE700 TRIPPLITE-INTERNETOFFICE700 Datasheet
489Kb / 5P
Internet Office 700VA Tower Standby 120V UPS with USB port
INTERNETOFFICE500 TRIPPLITE-INTERNETOFFICE500 Datasheet
500Kb / 5P
Internet Office 500VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com