Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNETOFFICE700 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE700
Description  Internet Office 700VA Tower Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE700 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE700 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNETOFFICE700 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PowerAlert software available via FREE download from es.tripplite.com
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them, and rebooting completely locked
computers by automatically switching UPS power off and back on again
Built-in phone/Ethernet suppression jacks protect modem, fax machine or other peripheral with a dialup,DSL, or data line connection
Built-in audible alarm and 3 front panel LEDs indicate line power, battery power and battery low/replace status
700VA/425W power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports hot-swap battery replacement via built-in access panel
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
$150,000 connected equipment insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (watts)
425
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Surge suppression only outlets
3 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
3.9 min. (425w)
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com