Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 95D
Description  High Insulation Resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

95D Datasheet(HTML) 1 Page - DB Lectro Inc

  95D Datasheet HTML 1Page - DB Lectro Inc 95D Datasheet HTML 2Page - DB Lectro Inc 95D Datasheet HTML 3Page - DB Lectro Inc 95D Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
95D series
High
Insulation Resistance
PRODUCT DESCRIPTIONS
SPECIFICATIONS
With electrostatic and magnetic shields, the 95D Series
features an easy-to-use mount packaging as well as
precise, and accurate control of minute signals.
-High insulation resistance up to 1014
-Available 1 Form A, 2 Form A and 3 Form A
-Contact rating available in 10, 50 and 100 Watt versions
-Lead configuration in lead and PCB
95D 1A Series
95D-1A□4N4
High Insulation Resistance
Parameters
Units
1 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
450
3.4
0.7
12.0
2500
8.5
1.2
24.0
8000
17.3
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
350
0.5
2.5
50
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
Ω Min
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1014
1013
1011
500
1000
1000
1.0
1.0
Between open contacts
Contacts to shield
Shield to coil
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
95D-1A□4N4, 95D-2A□4N4, 95D-3A□4N4
□
=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)


Similar Part No. - 95D

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
95D YUANDEAN-95D Datasheet
938Kb / 3P
DC-DC Converter
95D-12D05B3NL YUANDEAN-95D-12D05B3NL Datasheet
444Kb / 2P
DC-DC Converter
95D-12D05R3NL YUANDEAN-95D-12D05R3NL Datasheet
354Kb / 2P
DC-DC Converter
95D-12D12B3NL YUANDEAN-95D-12D12B3NL Datasheet
444Kb / 2P
DC-DC Converter
95D-12D12R3NL YUANDEAN-95D-12D12R3NL Datasheet
354Kb / 2P
DC-DC Converter
More results

Similar Description - 95D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
95D-1A14N4 DBLECTRO-95D-1A14N4 Datasheet
1,008Kb / 2P
HIGH INSULATION RESISTANCE REED RELAYS
logo
E-SWITCH
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
INSULATION RESISTANCE 100M) @ 100VDC
logo
DB Lectro Inc
90D DBLECTRO-90D Datasheet
778Kb / 2P
High Insulation Resistance
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
Insulation Resistance Testers
logo
Cornell Dubilier Electr...
DMT CDE-DMT Datasheet
64Kb / 3P
General Purpose, High Peak Currents, High Insulation Resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com