Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART750USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART750USB
Description  Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART750USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Smart USB 750VA Tower Line-Interactive 120V UPS
with USB port
MODEL NUMBER: SMART750USB
Description
Tripp Lite's SMART750USB line-interactive UPS system offers automatic voltage regulation, surge suppression
and long lasting battery support. 750VA/450 watt power handling ability supports entry-level PCs, network workstations, point-of-sale equipment, small
business phone systems, audio/video equipment and home theater systems. Internal UPS circuits support entry level PC systems for up to 45 minutes during
power failures so that connected equipment can be shut down without data loss. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89
volts back to usable levels without using battery power. Offers complete desktop power protection in an attractive, black tower configuration. Includes 3
battery-supported outlets for computer, monitor and one vital system peripheral as well as 3 additional surge-only outlets for printers and other system
accessories that do not require battery support. USB port (USB cable included) enables optional unattended system shutdown without data loss in the case of
extended power failure. PowerAlert Software available via free download from www.tripplite.com. Built-in dataline protection jacks offer protection of a single
dialup phone/DSL line or network Ethernet connection. Built-in audible alarm and 4 front panel LEDs indicate line power status, battery power status, battery
low/replace status and voltage boost operation. Offers 2.2 minutes battery runtime with a full load of 750VA/450 watts and 8.3 minutes with a half load of
375VA/225 watts. Supports battery replacement via built-in access panel. $200,000 Ultimate Lifetime Insurance (USA and Canada Only).
Features
SMART750USB line-interactive UPS system offers extended voltage regulation (AVR) and battery support as well as complete AC and
dialup/DSL/Ethernet line surge suppression
Supports entry level PC systems for up to 45 minutes during power failures to enable a safe system shutdown
Supports a max load of 750VA/450 watts for 2.2 minutes and a half load of 375VA/225 watts for 8.3 minutes
Automatic Voltage Regulation (AVR) circuits correct brownouts as low as 89 volts without using battery power
Attractive black tower configuration
Includes 3 battery-supported outlets, plus 3 additional surge-only outlets, 6 foot AC line cord (all NEMA 5-15)
USB port enables unattended shutdown without data loss during extended power failures; includes USB cable
Built-in USB port supports on battery, low battery, power restored, AC line voltage, DC battery voltage and battery capacity messaging; interface
supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
PowerAlert UPS monitoring and unattended shutdown software available via free download from www.tripplite.com
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again (part #WATCHDOGSW)
Highlights
750VA tower 120V line
interactive UPS
Corrects brownouts as low as
89V without using battery power
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
SMART750USB Standby UPS
System
USB and telephone
interconnection cables
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART750USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
More results

Similar Description - SMART750USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI750ISO ETC2-OMNI750ISO Datasheet
501Kb / 6P
OmniSmart 750VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
SMART550USB ETC2-SMART550USB Datasheet
499Kb / 6P
Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com