Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART750USB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART750USB
Description  Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750USB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART750USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Battery recharge rate (included
batteries)
Less than 4.5 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC51
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 89
Undervoltage correction
Input voltages between 89 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
4 LEDs indicate line power, battery power, overload and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
510 joules
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
10.8 x 5.2 x 7.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
27.3 x 13.3 x 19
UPS / Power Module weight (lbs)
20
UPS / Power Module weight (kg)
9.1
UPS Shipping dimensions (height x
width x depth / inches)
14 x 8.5 x 10.5
UPS Shipping dimensions (height x
width x depth / cm)
35.6 x 21.6 x 26.7
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com