Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP810NET Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLP810NET
Description  8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP810NET Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP810NET Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
2 line
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
1 line (2.2 GHz Bandwidth)
Network (Ethernet) Protection
Yes
PHYSICAL
Shipping Dimensions (HWD/in)
11.41 x 8.66 x 2.04
Shipping Dimensions (HWD/cm)
28.98 x 22.00 x 5.18
Shipping weight (lbs)
2.22
Shipping weight (kg)
1.01
Unit Dimensions (HWD/in)
4.86 x 9.55 x 1.51
Unit Dimensions (HWD/cm)
12.34 x 24.26 x 3.84
Unit weight (lbs)
2.02
Unit weight (kg)
0.92
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Black
Receptacle Color
Black
AC line cord color
Black
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 28.5mm; Distance between transformer outlets = 57mm
Keyhole slot center to center
measurement
Distance between horizontal tabs = 75mm; Distance between vertical tabs = 41.6mm
SPECIAL FEATURES
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com