Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP810NET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP810NET
Description  8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP810NET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP810NET Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP810NET Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-outlet, 10-ft cord, 3240 joules, Tel/Modem,
Ethernet, Coaxial protection - Protect It! Surge
Suppressor
MODEL NUMBER: TLP810NET
Description
Tripp Lite's TLP810NET surge suppressor has 8 outlets, a 10-ft. cord with a space-saving right-angle plug, and
diagnostic LEDs. The unit has a surge suppression rating of 3240 joules to handle the strongest surges. Built-in
RJ11, RJ45, and Type F coax jacks prevent surges from damaging your modem/fax/100Bt/cable/satellite
equipment. Coaxial jacks provide digital broadband quality and can handle 2.2GHz bandwidth. $250,000
Ultimate Lifetime Insurance (USA & Canada only)
Features
8 outlets with integrated child safety covers; black housing
10-ft. cord with space-saving right-angle plug
Built-in RJ11 jacks prevent surges from damaging your modem/fax/phone equipment on 2 lines simultaneously; 6-ft. telephone cord included
Built-in RJ45 jacks prevent surges from damaging your 100Bt equipment; 6-ft. network cable included
Built-in gold, Type F coax jacks prevent surges from damaging your cable/satellite equipment; digital broadband quality accommodates 2.2GHz
bandwidth; 6-ft. coax cable included
Surge suppression rating: 3240 joules
EMI/RFI noise filtering
Can accommodate up to 3 transformers without blocking remaining outlets
$250,000 Ultimate Lifetime Insurance (USA and Canada Only)
Diagnostic LEDs indicate protection present & ground present
Audible alarm notifies user when the unit is damaged and needs to be replaced
Keyhole supports for wall mounting
Lighted power switch
Specifications
Highlights
8 outlets / 10-ft. cord
3240 joule rating
Coaxial surge protection (digital
broadband quality accommodates
2.2GHz bandwidth)
Ethernet surge protection
2-line modem/fax surge protection
$250,000 Ultimate Lifetime
Insurance (USA & Canada only)
Applications
Personal computers, modems,
CAD/CAM/CAE workstations,
network nodes, fileservers,
point-of-sale terminals,
audio/visual devices, and more.
Package Includes
TLP810NET
6-ft. telephone cord
6-ft. network cable
6-ft. coax cable
Instruction manual with warranty
information
1 / 4


Similar Part No. - TLP810NET

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
04-Apr-2002
logo
List of Unclassifed Man...
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
More results

Similar Description - TLP810NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP128TTUSBB TRIPPLITE-TLP128TTUSBB Datasheet
174Kb / 4P
Protect It! 12-Outlet Surge Protector - 8 ft. (2.43m) Cord, 4320 Joules, Tel/Modem/Coax Protection, 2 USB Ports, Black
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com