Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC844X Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation PC844X Datasheet HTML 10Page - Sharp Corporation PC844X Datasheet HTML 11Page - Sharp Corporation PC844X Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 25pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its primary side mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
Through-Hole
■ Package specification
11
12.0
6.7
520
±2
PC844X Series
(Unit : mm)
Sheet No.: D2-A03602EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com