Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDTL494 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GDTL494
Description  V O L T A G E M O D E P W M C O N T R O L C II R C U II T
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDTL494 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GDTL494 Datasheet HTML 1Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 2Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 3Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 4Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2003/05/26
REVISED DATE :2004/10/05B
Open-Loop Voltage Amplification
Vo=3v,Vo=0.5V to 3.5V
70
95
dB
Unity-Gain Bandwidth
800
kHz
Common-Mode Rejection Ratio Error
Vcc=40V,TA=25 :
65
80
dB
Output Sink Current(pin 3)
VID=-15mV to –5V V(pin 3)=0.5V
0.3
0.7
mA
Output source Current(pin 3)
VID=15Mv to –5V V(pin 3)=3.5V
-2
mA
Output Section
Collector off-state current
VCE=40V,Vcc=40v
2
100
A
Emitter off-state current
Vcc=Vc=40V,VE=0
-100
A
Common-Emitter
VE=0,Ic=200mA
1.1
1.3
V
Collector-Emitter saturation
Voltage
Emitter-Follower
Vc=15V,IE=-200mA
1.5
2.5
Output Control Input Current
Vi=Vref
3.5
mA
Dead Time Control Section
Input bias(pin 4)
Vi=0 to 5.25 V
-2
-10
A
Maximum duty cycle, each output
VI(pin 4)=0
45
%
Input threshold Voltage (pin 4)
Zero duty cycle
3
3.3
V
Maximum duty cycle
0
PWM comparator Section
Input Threshold Voltage(pin 3)
Zero Duty cycle
4
4.5
V
Input Sink current (pin 3)
V(pin 3)=0.7V
0.3
0.7
mA
Total Device
Standby supply current Vcc=15V
6
10
Vcc=40V
Pin 6 at Vref,all other Input s and
outputs open
9
15
mA
Average supply current
V pin 4 =2V
7.5
mA
Switching Characteristics, Ta = 25 ::::
Output Voltage Rise Time
100
200
ns
Output Voltage Fall Time
Common-emitter configuration
25
100
ns
Output Voltage Rise Time
100
200
ns
Output Voltage Fall Time
Emitter-follower configuration
40
100
ns
Note 1 All typical values except for temperature coefficient are at Ta=25 : .
Note 2 For conditions shown as MIN or MAX, use appropriate value under recommended operating conditions.
Note 3 Duration of the short -circuit should not exceed one second.
Note 4 Standard deviation is a measure of the statistical distribution the mean as derived from the formula:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com