Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDTL494 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GDTL494
Description  V O L T A G E M O D E P W M C O N T R O L C II R C U II T
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDTL494 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GDTL494 Datasheet HTML 1Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 2Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 3Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 4Page - E-Tech Electronics LTD GDTL494 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2003/05/26
REVISED DATE :2004/10/05B
G
G D
D T
T L
L 449944
V
V O
O L
L T
T A
A G
G E
E M
M O
O D
D E
E P
P W
W M
M C
C O
O N
N T
T R
R O
O L
L C
C II R
R C
C U
U II T
T
Description
The GDTL494 incorporates all the functions required in the construction of a pulse-width modulation switching circuit. Designed
Primarily for switching power supply control or DC-DC convectors, it offers the systems engineer the flexibility to tailor control circuitry
to its own application.
Features
*Complete PWM power control circuitry
*Uncommitted outputs for 200 mA sink or source current
*Output control selects single ended or push pull operation
*Internal circuitry prohibits double pulses over total range.
*Easy synchronization.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
5.334
c1
0.203
0.279
A1
0.381
-
D
18.92
19.69
A2
3.175
3.429
E
6.096
6.604
b
0.406
0.508
E1
7.493
8.001
b1
0.356
0.508
e
2.413
2.667
b2
1.270
1.778
HE
8.509
9.525
b3
0.762
1.143
L
3.175
3.683
c
0.203
0.356
S
0
15
Absolute Maximum Ratings (Unless otherwise noted all is over operating free air temperature range)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage (note1)
Vcc
41
V
Amplifier Input Voltage
Vi
Vcc+0.3
V
Collector output Voltage
Vo
41
V
Collector output Current
Ico
250
mA
Continuous Total Dissipation at (or for below)
25 : free air Temperature(note 2)
PD
1000
mW
Operating Temperature Range
Topr
0 TO 70
:
Storage Temperature Range
Tstg
-65 TO 150
:
Lead Temperature 1.6mm from Case for 60 Sec.
Tcase
300
:
Note1: All voltage values, except differential voltages are with respect to the network ground terminal.
Note2:For operation above 25 : free-air temperature, the dissipation derates with 9.2mW/ : .


Similar Part No. - GDTL494

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDTL494 GTM-GDTL494 Datasheet
245Kb / 5P
VOLTAGE MODE PWN CONTROL CIRCUIT
More results

Similar Description - GDTL494

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GE2138 ETL-GE2138 Datasheet
424Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2138 ETL-GJ2138 Datasheet
426Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2148 ETL-GJ2148 Datasheet
430Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138 ETL-GL2138 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2148 ETL-GL2148 Datasheet
442Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com