Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2735 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC2735
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2735 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC2735 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC2735
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
30
V
Collector to emitter voltage
V
CEO
20
V
Emitter to base voltage
V
EBO
3V
Collector current
I
C
50
mA
Collector power dissipation
P
C
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
30
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
20
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
3—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
µAV
CB = 10 V, IC = 0
Collector to emitter saturation
voltage
V
CE(sat)
—
—
1.0
V
I
C = 20 mA, IB = 4 mA
DC current transfer ratio
h
FE
40
—
—
V
CE = 10 V, IC = 10 mA
Collector output capacitance
Cob
—
0.85
1.5
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Gain bandwidth product
f
T
600
1200
—
MHz
V
CE = 10 V, IC = 10 mA
Oscillating output voltage
V
OSC1
—
210
—
mV
V
CC = 12 V, IC = 7 mA,
f
OSC = 300 MHz
V
OSC2
—
130
—
mV
V
CC = 12 V, IC = 7 mA,
f
OSC = 930 MHz
Conversion gain
CG
—
21
—
dB
V
CC = 12 V, IC = 2 mA,
f = 200 MHz,
f
OSC = 230 MHz (0dBm)
Noise figure
NF
—
6.5
—
dB
V
CC = 12 V, IC = 2 mA,
f = 200 MHz,
f
OSC = 230 MHz (0dBm)
Note:
Marking is “JC”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com