Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2735 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC2735
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2735 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC2735 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2735 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC2735
4
0
0.4
1.2
0.8
2.0
1.6
5
12
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance
vs. Collector to Base Voltage
10
20
50
Emitter Common
IC = 0 V
f = 1 MHz
0
4
12
8
20
16
8
4
Collector Current IC (mA)
Base Time Constant
vs. Collector Current
12
16
20
VCB = 10 V
f = 31.8 MHz
0
100
300
200
500
400
4
2
Collector Current IC (mA)
Oscillating Output Voltage
vs. Collector Current
68
10
VCC = 12 V
fosc = 300 MHz
0
50
150
100
250
200
8
4
Supply Voltage VCC (V)
Oscillating Output Voltage
vs. Supply Voltage
12
16
20
IC = 7 mA
fosc = 300 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com