Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2855 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC2855
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2855 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC2855 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 9Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC2855, 2SC2856
6
3
10
30
100
1
Collector Current IC (mA)
1,000
300
100
30
10
DC Current Transfer Ratio vs.
Collector Current
25
–25
Ta = 75
°C
VCE = 12 V
Pulse
30
100
310
1
Collector Current IC (mA)
1.0
0.3
0.1
0.03
0.01
Collector to Emitter Saturation Voltage vs.
Collector Current
Pulse
IC = 10 IB
Ta = 75
°C
25
–25
3
10
30
100
1
Collector Current IC (mA)
10
3
1.0
0.3
0.1
Base to Emitter Saturation Voltage vs.
Collector Current
Pulse
IC = 10 IB
Ta =–25°C
75
25
10
50
520
1.0
2
0.5
Collector Current IC (mA)
1,000
500
200
100
50
20
10
Gain Bandwidth Product vs.
Collector Current
VCE = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com