Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2855 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC2855
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2855 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC2855 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2855 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC2855, 2SC2856
3
Electrical Characteristics (Ta = 25°C)
2SC2855
2SC2856
Item
Symbol Min
Typ
Max Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
90
—
—
120
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
90
—
—
120
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5
—
—5
——
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.1
—
—
0.1
µAV
CB = 70 V, IE = 0
Emitter cutoff current
I
EBO
—
—
0.1
—
—
0.1
µAV
EB = 2 V, IC = 0
DC current transfer ratio
h
FE*
1
250
—
800
250
—
800
V
CE = 12 V, IC = 2 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
—
0.05
0.10 —
0.05 0.10
V
I
C = 10 mA, IB = 1 mA*
2
Base to emitter saturation
voltage
V
BE(sat)
—
0.7
1.0
—
0.7
1.0
V
Gain bandwidth product
f
T
—
310
—
—
310
—
MHz
V
CE = 6 V, IC = 10 mA
Collector output
capacitance
Cob
—
3
—
—
3
—
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Noise figure
NF
—
0.15
1.5
—
0.15 1.5
dB
V
CE = 6 V, IC = 0.1 mA,
R
g = 10 kΩ, f = 1 kHz
—
0.2
2.0
—
0.2
2.0
dB
V
CE = 6 V, IC = 0.1 mA,
R
g = 10 kΩ, f = 10 Hz
Noise voltage referred to
input
e
n
—
0.7
—
—
0.7
—
nV/
√Hz V
CE = 6 V, IC = 10 mA,
R
g = 0, f = 1 kHz
Notes: 1. The 2SC2855 and 2SC2856 are grouped by h
FE as follows.
2. Pulse test
DE
250 to 500
400 to 800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com