Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7261 Datasheet(PDF) 3 Page - NEC

Part # LD7261
Description  20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7261 Datasheet(HTML) 3 Page - NEC

  LD7261 Datasheet HTML 1Page - NEC LD7261 Datasheet HTML 2Page - NEC LD7261 Datasheet HTML 3Page - NEC LD7261 Datasheet HTML 4Page - NEC LD7261 Datasheet HTML 5Page - NEC LD7261 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LD7261
TYPICAL OPERATION (Note 2, 3, 4 and 5)
Unit
Frequency ……………………………………………
20.0
GHz
Output Power ………………………………………
250
W
Heater Voltage (Note 4) ……………………………
6.3
V
Heater Current ………………………………………
1.42
A
Helix Voltage
………………………………………
10.6
kV
Helix Current
………………………………………
0.7
mA
Anode Voltage ………………………………………
8.6
kV
Anode Current ………………………………………
0.01
mA
Collector Voltage ……………………………………
5.0
kV
Collector Current ……………………………………
264
mA
Cathode Current ……………………………………
265
mA
Power Gain
at 25 W ………………………
49
dB
at 250 W ………………………
46
dB
Gain Variation
at 25 W ………………………
5
dB
Gain Slope
at 25 W ………………………
0.012
dB/MHz
AM-PM Conversion
at 25 W ………………………
1.5
deg./dB
at 250 W ………………………
6.0
deg./dB
3rd Order Intermodulation ………………………
–30
dBc
(two equal carries, 25 W total)
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not
be possible.
Note 2 : The tube body is at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment
design. This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com