Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7261 Datasheet(PDF) 4 Page - NEC

Part # LD7261
Description  20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7261 Datasheet(HTML) 4 Page - NEC

  LD7261 Datasheet HTML 1Page - NEC LD7261 Datasheet HTML 2Page - NEC LD7261 Datasheet HTML 3Page - NEC LD7261 Datasheet HTML 4Page - NEC LD7261 Datasheet HTML 5Page - NEC LD7261 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LD7261
LD7261 OUTLINE (Unit in mm)
91
± 0.5
(110)
33
6
55
± 2
83
± 0.5
98.5
87
± 0.5
76.2
11.4
50.8
± 0.2
19.8
± 0.5
5.6
24.28
12.14
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com