Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7263 Datasheet(PDF) 3 Page - NEC

Part # LD7263
Description  14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7263 Datasheet(HTML) 3 Page - NEC

  LD7263 Datasheet HTML 1Page - NEC LD7263 Datasheet HTML 2Page - NEC LD7263 Datasheet HTML 3Page - NEC LD7263 Datasheet HTML 4Page - NEC LD7263 Datasheet HTML 5Page - NEC LD7263 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LD7263
DATA SHEET ET0479EJ1V0DS00
TYPICAL OPERATION (Note 2, 3, 4 and 5)
Unit
Frequency ……………………………………………
14.25
GHz
Output Power ………………………………………
780
W
Heater Voltage ( Note 4 ) …………………………
6.3
V
Heater Current ………………………………………
1.4
A
Collector Voltage-1 …………………………………
6.0
kV
Collector Current-1 …………………………………
275
mA
Collector Voltage-2 …………………………………
2.9
kV
Collector Current-2 …………………………………
132
mA
Cathode Current ……………………………………
410
mA
Helix Voltage
………………………………………
11.0
kV
Helix Current
………………………………………
3.0
mA
Power Gain
(SSG) …………………………
58
dB
(LSG) …………………………
53
dB
Gain Variation
at 75 W ………………………
1.0
dB/60MHz
Gain Slope
at 75 W ………………………
0.01
dB/MHz
AM-PM Conversion
at 75 W ………………………
1.0
deg./dB
at 750 W ………………………
5.0
deg./dB
3rd Order Intermodulation ………………………
–31
dBc
(two equal carriers, 75 W total)
Spurious
……………………………………………
–60
dBc
Noise Figure …………………………………………
28
dB
Overall Efficiency
…………………………………
37.6
%
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not
be possible.
Note 2 : The tube body is at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment
design. This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com