Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7263 Datasheet(PDF) 4 Page - NEC

Part # LD7263
Description  14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7263 Datasheet(HTML) 4 Page - NEC

  LD7263 Datasheet HTML 1Page - NEC LD7263 Datasheet HTML 2Page - NEC LD7263 Datasheet HTML 3Page - NEC LD7263 Datasheet HTML 4Page - NEC LD7263 Datasheet HTML 5Page - NEC LD7263 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LD7263
DATA SHEET ET0479EJ1V0DS00
LD7263 OUTLINE (Unit in mm)
LEAD COLOR
LEAD CONNECTIONS
LENGTH
BROWN
HEATER
500 mm MIN.
YELLOW
HEATER-CATHODE
500 mm MIN.
ORANGE
COLLECTOR-1
500 mm MIN.
BLUE
COLLECTOR-2
500 mm MIN.
GREEN
HELIX (GROUND)
500 mm MIN.
8 -
10
COUNTER BORING
RF OUTPUT
WR75. FLANGE UBR-120 WITH
No. 6-32 UNC-2B THREADED HOLES
RF INTPUT
TYPE SMA FEMALE
No.6-32 UNC-28
× 9 DP
NEAR AND FARSIDE
φ
16 -
4.2
+ 0.4
φ
96 MAX.
55.88
±0.2
71
± 1.0
55 NOM.
12.7
38 MAX.
45 NOM.
6
±0.3
55.5 MAX.
45.72
±0.2
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com