Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4499 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4499
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4499 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4499 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC4499(L)/(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
500
V
Collector to emitter voltage
V
CEO
400
V
Emitter to base voltage
V
EBO
10
V
Collector current
I
C
0.5
A
Collector peak current
I
C(peak)
1.0
A
Collector power dissipation
P
C
0.75
W
P
C*
1
10
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter sustain
voltage
V
CEO(sus)
400
—
—
V
I
C = 0.1 A, RBE = ∞
L = 100 mH
Emitter to base breakdown
voltage
V
(BR)EBO
10
—
—
V
I
E = 10 mA, IC = 0
Collector cutoff current
I
CBO
——
20
µAV
CB = 400 V, IE = 0
I
CEO
—
—
50
V
CE = 350 V, RBE = ∞
DC current transfer ratio
h
FE1
12
—
—
V
CE = 5 V, IC = 0.25 A*
1
h
FE2
5—
—
V
CE = 5 V, IC = 0.5 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
—
—
1.0
V
I
C = 0.25 A, IB = 0.05 A*
1
Base to emitter saturation
voltage
V
BE(sat)
—
—
1.5
V
I
C = 0.25 A, IB = 0.05 A*
1
Turn on time
t
on
—
—
1.0
µsI
C = 0.5 A, IB1 = –IB2 = 0.1 A,
Storage time
t
stg
—
—
2.0
µsV
CC ≅ 150 V
Fall time
t
f
—
—
1.0
µs
Note:
1. Pulse test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com