Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4499 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC4499
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4499 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC4499 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4499 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4499(L)/(S)
4
Reverse Bias Area of Safe Operation
1.0
0.8
0.6
0.4
0.2
0
100
IB2 = –0.1 A
350 V, 1 A
400 V, 0.5 A
450 V, 0.1 A
200
300
400
500
Collector to emitter voltage VCE (V)
Collector to Emitter Voltage vs.
Base to Emitter Resistance
600
IC = 1 mA
500
400
300
100
1 k
Base to emitter resistance RBE (Ω)
10 k
100 k
1 M
Typical Output Characteristics
TC = 25°C
IB = 0
5 mA
10
20
30
40
50
0.5
0.4
0.3
0.2
0.1
01
2
Collector to emitter voltage VCE (V)
5
4
3
VCE = 5 V
Ta = 25
°C
1.0
0.8
0.6
0.4
0.2
0
0.4
0.8
Base to emitter voltage VBE (V)
1.2
1.6
2.0
Typical Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com