Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC460 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC460
Description  Silicon NPN Epitaxial Planar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC460 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC460 Datasheet HTML 1Page - Hitachi Semiconductor 2SC460 Datasheet HTML 2Page - Hitachi Semiconductor 2SC460 Datasheet HTML 3Page - Hitachi Semiconductor 2SC460 Datasheet HTML 4Page - Hitachi Semiconductor 2SC460 Datasheet HTML 5Page - Hitachi Semiconductor 2SC460 Datasheet HTML 6Page - Hitachi Semiconductor 2SC460 Datasheet HTML 7Page - Hitachi Semiconductor 2SC460 Datasheet HTML 8Page - Hitachi Semiconductor 2SC460 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2SC460, 2SC461
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC460
2SC461
Unit
Collector to base voltage
V
CBO
30
30
V
Collector to emitter voltage
V
CEO
30
30
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
100
100
mA
Collector power dissipation
P
C
200
200
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com