Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC460 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC460
Description  Silicon NPN Epitaxial Planar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC460 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC460 Datasheet HTML 1Page - Hitachi Semiconductor 2SC460 Datasheet HTML 2Page - Hitachi Semiconductor 2SC460 Datasheet HTML 3Page - Hitachi Semiconductor 2SC460 Datasheet HTML 4Page - Hitachi Semiconductor 2SC460 Datasheet HTML 5Page - Hitachi Semiconductor 2SC460 Datasheet HTML 6Page - Hitachi Semiconductor 2SC460 Datasheet HTML 7Page - Hitachi Semiconductor 2SC460 Datasheet HTML 8Page - Hitachi Semiconductor 2SC460 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2SC460, 2SC461
4
Small Signal y Parameters (V
CE = 6 V, IC = 1 mA, Emitter Common)
Item
Symbol f
2SC460A,
2S461A
2SC460B,
2SC461B
2SC460C,
2SC461C
Unit
Input admittance
yie
455 kHz
0.58 + j0.074
0.42 + j0.068
0.30 + j0.051
mS
4.5 MHz
0.65 + j0.79
0.50 + j0.7
0.35 + j0.57
10.7 MHz 0.91 + j2.0
0.61 + j1.9
0.39 + j1.3
100 MHz 7.4 + j14
5.6 + j12
3.8 + j6.0
Reverse transfer admittance yre
455 kHz
–j0.003
–j0.003
–j0.003
mS
4.5 MHz
–j0.04
–j0.04
–j0.04
10.7 MHz –j0.13
–j0.13
–j0.13
100 MHz –j1.0
–j1.0
–j1.0
Forward transfer admittance yfe
455 kHz
38 – j0.1
37 – j0.1
37 – j0.2
mS
4.5 MHz
35 – j1.0
35 – j1.2
34 – j1.8
10.7 MHz 34 – j2.5
34 – j2.5
33 – j4.5
100 MHz 28 – j20
28 – j19
20 – j19
Output admittance
yoe
455 kHz
0.0098 + j0.009 0.013 + j0.009
0.016 + j0.012
mS
4.5 MHz
0.02 + j0.09
0.023 + j0.092
0.03 + j0.10
10.7 MHz 0.11 + j0.4
0.11 + j0.4
0.12 + j0.4
100 MHz 0.40 + j1.7
0.50 + j2.0
0.83 + j2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com