Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD2D14-R36NF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD2D14-R36NF
Description  Available for ultra low profile
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD2D14-R36NF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD2D14-R36NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 
 
 
1 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
A FEATURES
 Available for ultra low profile
 Inductance ratings up to 1000 µH
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1MD
2D11
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MD
Series Code
2D09(3.3×3.3×1.1)
2D11 (3.3×3.3×1.3)
2D14(3.3×3.3×1.6)
2D18(3.3×3.3×2.1)
❸ 
Inductance Code
3D11(4.2×4.2×1.3)
3D14(4.2×4.2×1.6)
e.g.
Calculation
3D16(4.2×4.2×1.8)
3D18(4.2×4.2×2.1)
2R2
2.2μH
3D28(4.2×4.2×3.2)
4D18(5.0×5.0×2.0)
100
10×100μH = 10μH
4D28(5.0×5.0×3.0)
5D18(6.0×6.0×2.0)
101
10×101μH = 100μH
5D28(6.0×6.0×3.0)
6D28(7.0×7.0×3.0)
6D38(7.0×7.0×4.0)
8D28(10.1×8.3×3.0)
❹ 
Inductance Tolerance
8D38(10.1×8.3×4.0)
8D43(10.1×8.3×4.5)
K
±10%
M
±20%
N
±30%
❺ 
RoHS Compliant


Similar Part No. - 1MD2D14-R36NF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
1MD2 MULTICOMP-1MD2 Datasheet
1Mb / 4P
Toggle Switches Miniature
30/04/20 V1.0
1MD2 MULTICOMP-1MD2 Datasheet
3Mb / 11P
Toggle Switches Miniature
13/06/23 V1.1
1MD2 MULTICOMP-1MD2 Datasheet
2Mb / 14P
Minature Toggle Switches
31/07/20 V1.0
1MD2T1 MULTICOMP-1MD2T1 Datasheet
2Mb / 14P
Minature Toggle Switches
31/07/20 V1.0
1MD2T11 MULTICOMP-1MD2T11 Datasheet
2Mb / 14P
Minature Toggle Switches
31/07/20 V1.0
More results

Similar Description - 1MD2D14-R36NF

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
Ultra Low Profile - 4.3mm
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
Flexible, Ultra Low Profile
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
Ultra Low Profile
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
Ultra Low Profile 0805
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
Ultra Low Profile 0805
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com