Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD2D14-R36NF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD2D14-R36NF
Description  Available for ultra low profile
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD2D14-R36NF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD2D14-R36NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R36NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
 
 
2 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
C DRAWINGS AND DIMENSIONS
 
2D09,2D11,2D14,2D18
3D11,3D14,3D16,3D18,3D28,4D18,4D28,5D18,5D28,6D28,6D38
XXX
A
B
D
C
I
I
J
H
XXX
A
B
C
I
I
J
H
D
8D28,8D38,8D43
Schematic
XXX
A
B
C
I
I
J
H
2
 
XXX = Inductance value
Case Size
Dimensions (mm)
Amax
Bmax
Cmax
Dtyp
Href.
Iref.
Jref.
1MD2D09
3.3
3.3
1.1
4.4
1.3
1.3
1.7
1MD2D11
3.3
3.3
1.3
4.4
1.3
1.3
1.7
1MD2D14
3.3
3.3
1.6
4.4
1.3
1.3
1.7
1MD2D18
3.3
3.3
2.1
4.4
1.3
1.3
1.7
1MD3D11
4.2
4.2
1.3
5.5
4.5
1.7
1.1
1MD3D14
4.2
4.2
1.6
5.5
4.5
1.7
1.1
1MD3D16
4.2
4.2
1.8
5.5
4.5
1.7
1.1
1MD3D18
4.2
4.2
2.1
5.5
4.5
1.7
1.1
1MD3D28
4.2
4.2
3.2
5.5
4.5
1.7
1.1
1MD4D18
5.0
5.0
2.0
6.9
5.3
1.9
1.5
1MD4D28
5.0
5.0
3.0
6.9
5.3
1.9
1.5
1MD5D18
6.0
6.0
2.0
8.2
6.3
2.1
2.0
1MD5D28
6.0
6.0
3.0
8.2
6.3
2.1
2.0
1MD6D28
7.0
7.0
3.0
9.5
7.3
2.6
2.0
1MD6D38
7.0
7.0
4.0
9.5
7.3
2.6
2.0
1MD8D28
10.1
8.3
3.0
/
2.8
2.0
6.1
1MD8D38
10.1
8.3
4.0
/
2.8
2.0
6.1
1MD8D43
10.1
8.3
4.5
/
2.8
2.0
6.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com