Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CC Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CC
Description  Common Mode Choke for Ultra-Speed Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CC Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CC Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CC Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CC Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
1 
2CC Series
Common Mode Choke for Ultra-Speed Line
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:2CC‐2012A
Accetek 
A FEATURES
 Small dimensions
 Prevention of common mode noise at ultra-high frequency
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 Excellent solderability
B PART NUMBER SYSTEM
2CC
2012
-
900
F
❶ 
❷ 
 
❸ 
❹ 
 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
2CC
Series Code
2012 (2.0×1.2×1.2)
3216 (3.2×1.6×1.8)
❸ 
Z Code
e.g.
Calculation
❹ 
RoHS Compliant
900
90×100Ω = 90Ω
121
12×101Ω= 120Ω
C DRAWINGS AND DIMENSIONS
 
Drawings
Schematic
A
B
C
D
E
L
I
J
H
1
2
4
3
Land Pattern
1
2
4
3
Case Size
Dimensions (mm)
A
B
C
Dref.
Eref.
Href.
Iref.
Jref.
Lref.
2CC2012
2.0±0.2
1.2±0.2
1.2±0.2
0.5
0.45
0.4
0.4
0.9
2.6


Similar Part No. - 2CC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CC125 LITTELFUSE-2CC125 Datasheet
416Kb / 1P
British Dimension HRCII-C Fuses
2CC125-200 LITTELFUSE-2CC125-200 Datasheet
416Kb / 1P
British Dimension HRCII-C Fuses
2CC125.Z LITTELFUSE-2CC125.Z Datasheet
416Kb / 1P
British Dimension HRCII-C Fuses
2CC150 LITTELFUSE-2CC150 Datasheet
416Kb / 1P
British Dimension HRCII-C Fuses
2CC150.Z LITTELFUSE-2CC150.Z Datasheet
416Kb / 1P
British Dimension HRCII-C Fuses
More results

Similar Description - 2CC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4532 TDK-ACM4532 Datasheet
90Kb / 4P
Common Mode Choke Colls for Signal Line
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
Common Mode Choke Coils for Signal Line
logo
PCA ELECTRONICS INC.
EPA2165 PCA-EPA2165 Datasheet
34Kb / 1P
4 Line Common Mode Choke
EPZ3034E PCA-EPZ3034E Datasheet
37Kb / 1P
Common Mode Line Choke
EPZ3074E PCA-EPZ3074E Datasheet
23Kb / 1P
Common Mode Line Choke
logo
Accetek Electronics (Sh...
2CB ACCETEK-2CB Datasheet
302Kb / 4P
Common Mode Choke for High-Speed Line
2CY ACCETEK-2CY Datasheet
225Kb / 3P
Common Mode Power Line Choke
logo
Allied Components Inter...
VCMB744826 ALLIED-VCMB744826 Datasheet
251Kb / 1P
POWER LINE COMMON MODE CHOKE
logo
PCA ELECTRONICS INC.
EPZ3034E PCA-EPZ3034E_15 Datasheet
38Kb / 1P
Common Mode Line Choke
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907_16 Datasheet
253Kb / 1P
Common Mode Choke for Automobile Power Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com