Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CC Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CC
Description  Common Mode Choke for Ultra-Speed Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CC Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CC Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CC Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CC Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
2 
2CC Series
Common Mode Choke for Ultra-Speed Line
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:2CC‐2012A
Accetek 
D SPECIFICATIONS
Z@100MHz
DCR1
Ir2
UDC
UT
Part Number
(Ω)
Tolerance
Max.(Ω)
(mA)
V
V(AC)
Typ. Applications
2CC2012-670F
67
± 25 %
0.24
320
50
125
USB3.0
2CC2012-900F
90
± 25 %
0.30
280
50
125
HDMI
2CC2012-121F
120
± 25 %
0.30
280
50
125
LVDS/USB2.0
1. DCR measured @ 25°C.
2. Ir: DC current for an approximate 40°C rise from 20°C ambient temperature.
3. Specifications subject to change without notice please check our website for latest information.
E TYPICAL IMPEDANCE CURVES
2CC2012-670F
2CC2012-900F
2CC2012-121F
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
F TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
P
P0
P1
W
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
2CC2012
2000
178
58
13
13
9.0
8
4
4
2
1.3
0.25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com