Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2A Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # US2A
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

US2A Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  US2A Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED US2A Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2A - US2M
50V-1000V
2.0A
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
1 of 2
•
Plastic package has UL flammability
Classification 94V-0
•
Glass Passivated chip junction
•
Built in strain relief
•
Fast switching speed for high efficiency
•
High temperature soldering guaranteed:
250
/10 seconds
•
Case: JEDED DO-214AA transfer molded plastic
•
Terminals: Solder plated, Solderable per
MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.003 ounce, 0.093 gram
Features
Mechanical Data
US2J
600
420
50
50
-55 --- +150
V
V
V
A
A
℃
/W
℃
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current 8.3 ms single half sine-wave
Typical thermal resistance
Symbols
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJA
600
2.0
US2K
800
560
800
US2M
1000
700
1000
US2G
400
280
400
US2D
200
140
200
US2B
100
70
100
US2A
50
35
50
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
10
75
1.7
TA= 25℃
IF=0.5A IR=1.0A IRR=0.25A
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
Symbols
Unit
MAX. Reverse Recovery Time
VF
IF =2.0A
pF
15
Maximum forward voltage
Cj
500
TA= 125℃
US2J
US2K US2M
US2G
US2D
US2B
US2A
1.3
1.0
50
MAKO Semiconductor Co., Limited
www.makosemi.hk
DO-214AA(SMA)


Similar Part No. - US2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF3A TAYCHIPST-UF3A Datasheet
2Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
US2A TAYCHIPST-US2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMA TAYCHIPST-UF1A_SMA Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMB TAYCHIPST-UF1A_SMB Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Anova Technologies CO.,...
US1A ANOVA-US1A Datasheet
258Kb / 2P
Surface Mount High Efficiency Rectifiers
US2A ANOVA-US2A Datasheet
263Kb / 2P
Surface Mount High Efficiency Rectifiers
US3A ANOVA-US3A Datasheet
288Kb / 2P
Surface Mount High Efficiency Rectifiers
US15A ANOVA-US15A Datasheet
260Kb / 2P
Surface Mount High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com