Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2A Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # US2A
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

US2A Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  US2A Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED US2A Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
50V-1000V
2.0A
2
US2A - US2M
F
°C
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
1.8
1.4
1.6
0.8
1.0
1.2
0.01
0.1
0.2
1
2
10
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75 100 125 150 175
Tj = 25 °C
US2A thru
US2D
US2G
US2J thru US2M
CHARACTERISTICS
100
I
-TYPICAL REVERSE
J
T =25
80
40
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
10
1.0
60
20
0
120
140
T =100 C
J
0.1
Fig.3
Fig.1
Fig.2
100
10
FIG.4-TYPICAL JUNCTION CAPACITANCE
0.1
1
REVERSE VOLTAGE,(V)
Vsig=50mVp-p
f=1MHz
T =25 C
1.0
10
100
J
US2
A-U
S2G
US2J
-US2
M
50/100ns/cm
SET TIME BASE FOR
0
-1.0A
-0.25A
+0.5A
(+)
(-)
(-)
(approx.)
(+)
25 Vdc
10
Ω
NONINDUCTIVE
NONINDUCTIVE
50
Ω
(NOTE 1)
OSCILLOSCOPE
(NOTE 2)
GENERATIOR
PULSE
D.U.T.
INDUCTIVE
NON
1
Ω
2.Rise time=10ns max. Source Impedance=
50 ohms
1 magohm. 22pF
NOTES : 1.Rise Time=7ns max. Input Impedance=
REVERSE RECOVERY TIME CHARACTERISTIC
F1G.5-TEST CIRCUIT DIAGRAM AND
1cm
Trr
MAKO Semiconductor Co., Limited
www.makosemi.hk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com