Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HGC
Description  double-polysilicon trench isolated bipolar process
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HGC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HGC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet DS00104 /June 2010
Process information and data (“Information”) in this document is an outline only , for general information purposes ; it does not constitute a representation or warranty
as to capability , performance or suitability of the Process for any given application. User must satisfy himself that the Process is suitable for his requirements .
While Information herein is believed correct and accurate , it is subject to change without notice and Plessey accepts no liability arising from the use or application of
such Information.
All use of , and product manufactured and supplied using the Process , will be subject to Plessey’s standard trading terms, which are available on request .
Plessey Semiconductors Ltd. Tamerton Road, Roborough, Plymouth, United Kingdom, PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemiconductors.com
HGC
Bipolar Process
Data Sheet DS00104 / June 2010
Key parameters (minimum geometry device)
NPN
fT
22 GHz at IC=0.4 mA, Vce=3 V
CJC
3.3 fF
CJE
5.4fF
Bvceo
> 4.5V
Applications
•
LNAs
•
Synthesisers
•
Cellular radios
•
Wireless LANs
•
High speed logic
Key Process Feature
•
Integrated inductors (optional)
•
470 MHz lateral pnps
•
Varactor diodes - 0.5 fF/μm²
•
Schottky Diodes - Vf=0.5 V
•
Polysilicon resistors - 110/155/1400 Ohms/sq
•
MIM capacitors - 0.65 fF/μm² (optional)
•
MIS capacitors - 2.75 fF/μm² (optional)
•
Two level or three level metal option
Npn cross section
oxide
epitaxy (n-)
Oxide
BN
Substrate (p-)
DC
Base
CS
CS
P+
Emitter
Collector
P+
base
fT vs IC min geometry HGC npn
0
5
10
15
20
25
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
IC (A)
npn parameters (0.6 x 3.0um emitter)
parameter
Condition
Value
Units
fT
Ic=0.7mA Vce=2V
22
GHz
HFE
Ic=10
μA Vce=2V
140
VAF
63
V
BVCEO
Ic=1
μA
>4.5
V
BVCBO
Ic=1
μA
>8.0
V
CJE
Vbe=0
10
fF
CJC
Vbc=0
8
fF
CJS
Vcs=0
17
fF
Lateral pnp parameters (1.8 X 1.8
μm emitter)
parameter
Condition
Value
Units
fT
Ic=40
μA Vce=2V
470
MHz
HFE
Ic=10
μA Vce=2V
64
VAF
12
V
BVCEO
Ic=1
μA
>5.5
V
Polysilicon Resistor Values
parameter
Value
Units
LoP
155
± 20
Ω
LoN
110
± 20
Ω
HiP
1.4
± 0.2
k
Ω
Design Rules
Feature
Min
μm
Spacing
μm
Emitter
0.6 X 1.6
HiP resistor
1.0
0.8
LoP, LoN resistor
1.2
0.8
Contact
1.0 X 1.6
1.4
1st Layer metal
1.4
1.0
2
nd layer metal
1.4
1.0
3
rd layer metal
3.0
2.0
HGC is a double-polysilicon trench isolated bipolar process optimised
for RF applications in the range 900 MHz to 2.4 GHz.


Similar Part No. - HGC

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
Soshin electric Co., Lt...
HGC5020-HYB2600S SOSHIN-HGC5020-HYB2600S Datasheet
20Kb / 1P
2600MHz Band 90deg Chip Hybrid Coupler
HGC5021-HYB0900S SOSHIN-HGC5021-HYB0900S Datasheet
20Kb / 1P
900MHz Band 90deg Chip Hybrid Coupler
HGC5022-HYB2000S SOSHIN-HGC5022-HYB2000S Datasheet
20Kb / 1P
2000MHz Band 90deg Chip Hybrid Coupler
HGC5023-HYB3500S SOSHIN-HGC5023-HYB3500S Datasheet
22Kb / 1P
3500MHz Band 90deg Chip Hybrid Coupler
More results

Similar Description - HGC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B42 AD-5B42 Datasheet
693Kb / 8P
ISOLATED, PROCESS CURRENT INPUT
logo
List of Unclassifed Man...
HJB ETC2-HJB Datasheet
84Kb / 1P
Complementary Bipolar Process
HJV ETC2-HJV Datasheet
83Kb / 1P
Complementary Bipolar Process
HJW ETC2-HJW Datasheet
83Kb / 1P
Complementary Bipolar Process
HSB ETC2-HSB Datasheet
72Kb / 1P
SOI Complementary Bipolar Process
WPC ETC2-WPC Datasheet
54Kb / 1P
Bipolar Process
WPX ETC2-WPX Datasheet
54Kb / 1P
Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
Analog Devices
5B42 AD-5B42_15 Datasheet
693Kb / 8P
Isolated, Process Current Input
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
Isolated, Process Current Output
REV. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com