Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20230 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS20230
Description  COFDM demodulator with USB interface for PC-TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20230 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS20230 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PS20230
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
21
9.3 DC Electrical Characteristics
Table 4 DC electrical characteristics
Symbol
Parameter
Conditions
Pins
Min
Typ
Max
Units
VDD
Operating voltage:
periphery
3.14
3.3
3.47
V
CVDD
core
1.71
1.8
1.89
V
IDDC
Supply current
1.71<CVDD<1.89
185
mA
ISUSP
Suspend supply current
Host computer
95
µA
PS20230
disconnected
ISUSP
Suspend supply current
Host computer
295
µA
SYSTEM
connected
Outputs
VOH
IOH 2mA
SLEEP
2.4
-
-
V
3.14<VDD<3.47
VOH
IOH 6mA
GPP(7:0)
2.4
-
-
V
3.14<VDD<3.47
VOL
Output levels
IOL 2mA
SLEEP
-
-
0.4
V
3.14<VDD<3.47
VOL
IOL 6mA
GPP(7:0), CLK1,
-
-
0.4
V
3.14<VDD<3.47
CLK2, DATA1,
DATA2, AGC1,
AGC2
Output capacitance
SLEEP
-
3.0
-
pF
GPP(7:0), CLK1,
-
3.6
-
pF
Not including track
CLK2, DATA1,
DATA2, AGC1,
AGC2
ILZ
Output leakage current (tri-state)
-
-
1
µA
Inputs
VIH
Input levels
3.14<VDD<3.47
GPP(7:0),
2.0
-
-
V
-0.5 ≥ Vin ≥
ADFMT, IRDI
VDD+0.5V
VIH
Input levels
3.14<VDD<3.47
DATA1, DATA2,
2.0
-
-
V
-0.5 ≥ Vin ≥ +5.5V
CLK1, CLK2,
RESETB
VIL
Input levels
3.14<VDD<3.47
All inputs
-
-
0.8
V
Input leakage current
IRDI, ADFMT,
-
-
±1
µA
Input capacitance
Capacitances do
RESETB
-
1.5
-
pF
Input capacitance
not include track
CLK1, CLK2,
-
3.3
-
pF
DATA(1:2),
GPP(7:0)
9.4 Crystal specification
Parallel resonant fundamental frequency (preferred)
24.00 MHz
Tolerance overall, including frequency accuracy and over temperature ± 100ppm
Equivalent series resistance (ESR)
30 Ohms ideal – 50 Ohms maximum.
Typical load capacitance (CL)
20 pF
Drive level
1 mW
Value of C1, C2 (parallel capacitors in the application) for an ESR of 30 Ohms – 33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com