Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20230 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20230
Description  COFDM demodulator with USB interface for PC-TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20230 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20230 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20230 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PS20230
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
7
2 Pin definitions
Pin
Name
Pin description
I/O
Note
V
mA
Not connected
1, 2, 67, 68, 70,
-
-
-
-
71,74,75
76,77,80
2-wire bus
4
CLK1
EEPROM Master 2-wire bus clock
I/O
Open drain
5
6
Fall time control
5
DATA1
EEPROM Master 2-wire bus data
I/O
Open drain
5
6
Fall time control
27
CLK2
Tuner Master 2-wire bus clock
I/O
Open drain
5
6
Fall time control
28
DATA2
Tuner Master 2-wire bus data
I/O
Open drain
5
6
Fall time control
32
ADFMT
EEPROM address format
I
CMOS
3.3
Crystal
59
XTIB
Low phase noise oscillator cell. A 24
I
CMOS
60
XTO
MHz crystal must be used
I
CMOS
GPP’s
3,8,16,17,18
GPP(7:0)
General Purpose Ports
I/O
CMOS Tristate / push-
3.3
6
19,20,23,
pull
AGC
24
AGC1
IF AGC o/p
O
Open drain
5
6
25
AGC2
RF AGC o/p, should be tied to ground
O
Open drain
5
6
when not used
42
RFLEV
RF AGC level indicator input
I
Analog
Control
29
SLEEP
Suspend mode power down for rest of
O
CMOS
3.3
1
PCB. High = suspend, low = powered
69
RESETB
Active low reset pin
I
CMOS
5
Infra-red
62
IRDI
Infra-red input
I
CMOS
3.3
USB
47
USBP
USB positive data
I/O
Differential Analog
48
USBM
USB negative data
I/O
Differential Analog
46
RES1K5
USB pull up resistor
I/O
3.3
55
RES6K2
USB bias resistor
I/O
0
Digital power
pins
34
PLLVDD
PLL and clocking supply
S
1.8
35
PLLGND
PLL ground supply
S
0
9,11, 13,
CVDD
Demodulator core logic power supply
S
1.8
26,56.79
15,57,64
CUVDD
USB core logic power supply
S
1.8
6,21,73
IVDD
I/O ring power supply
S
3.3
7, 10, 12, 14,
VSS
Logic Core and I/O ground
S
0
22, 33, 58,
61,72,78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com