Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20313 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS20313
Description  DVB-S Satellite Demodulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20313 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS20313 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PS20313
Nominal load capacitance 30 pF.
Equivalent series resistance <75
Ω
Figure 15 - Crystal Oscillator Circuit
Note: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the
maximum symbol rate required, e.g. 10.111 MHz with a multiplier of x9 will give a 91 MHz system clock to
guarantee 45 MSps operation.
4.5
Electrical Characteristics
Conditions (unless specified otherwise):Tamb = 25°C
CVdd = 1.8 V
Vdd = 3.3 V
DC Electrical Characteristics
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com