Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20313 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20313
Description  DVB-S Satellite Demodulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20313 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20313 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PS20313
Additional Features
2-wire bus microprocessor interface
All-digital clock and carrier recovery
On-chip PLL clock generation using a low cost
10 to 16 MHz crystal (or external clock)
3.3/1.8 V operation
64 pin LQFP package
Low external component count
Commercial temperature range 0 to 70°C
External MPEG clock option
Demodulator
BPSK or QPSK programmable
Optional fast acquisition mode for low symbol
rates
Viterbi
Programmable decoder rates 1/2, 2/3, 3/4, 5/6,
6/7, 7/8
Automatic spectrum resolution of IQ phase
Constraint length k = 7
Trace back depth 128
Extensive SNR and BER monitors
De-Interleaver
Compliant with DVB and DSS standards
Reed-Solomon
(204, 188) for DVB and (146,130) for DSS
Reed-Solomon bit-error-rate monitor to indicate
Viterbi performance
De-Scrambler
EBU specification de-scrambler for DVB mode
Outputs
MPEG transport parallel & serial output
Three output clocking modes for maximum
flexibility
Integrated MPEG2 TEI bit processing for DVB only
Application Support
Windows based evaluation software
ANSI-C compliant software
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com