Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20355 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS20355
Description  Nordig Unified DVB-T COFDM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20355 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS20355 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PS20355
Typical load capacitance
20pF
Drive level
0.4 mW max
Equivalent series resistance
<40
Figure 14
- Crystal Oscillator Circuit
XTI
XT0
OSCMODE
XTI
C1
C2
4.5.1
Selection of External Components
The capacitor values used must ensure correct operation of the Pierce oscillator such that the total loop gain is
greater than unity. Correct selection of the two capacitors is very important and the following method is
recommended to obtain values for C1 and C2. Alternatively there is a calculator available (ZLAN-125) that will
calculate the external component values for you.
4.5.1.1
Loop Gain Equation
Although oscillation may still occur if the loop gain is just above 1, a loop gain of between 5 and 25 is optimum to
ensure that oscillations will occur across all variations in temperature, process and supply voltage, and that the
circuit will exhibit good start-up characteristics.
4.5.1.2
List of Equation Parameters
A
total loop gain (between 5 and 25)
Cin
C1 + Cpar
Cout
C2 + Cpar
Cpar parasitic capacitance associated with each oscillator pin
(XTIand XTO). It consists of track capacitances,
package capacitance and cell input capacitance. Normally Cpar ≈ 4pF.
Zo
9.143k
Ω - output impedance of amplifier at 1.8V operation - typical
gm
8.736mA/V - transconductance of amplifier at 1.8V operation -typical
Rf
2.3M
Ω - internal feedback resistor
ESR maximum equivalent series resistance of crystal - given by crystal manufacturer (
Ω)
f
fundamental frequency of crystal (Hz)
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com