Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20355 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20355
Description  Nordig Unified DVB-T COFDM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20355 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20355 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PS20355
1.4
Pin Description
Pin Description Table
Pin No
Name
Pin Description
I/O
Type
V
mA
MPEG pins
47
MOSTRT
MPEG packet start
O
3.3
48
MOVAL
MPEG data valid
O
3.3
2
49-53, 56-58
MDO(0:4)/MDO(5:7)
MPEG data bus
O
CMOS Tristate
3.3
61
MOCLK
MPEG clock out
O
3.3
12
62
BKERR
Block error
O
3.3
2
63
MICLK
MPEG clock in
I
3.3
CMOS
11
STATUS
Status output
O
3.3
2
6
IRQ
Interrupt output
O
Open drain
5
6
Control pins
4
CLK1
Serial clock
I
CMOS
5
5
DATA1
Serial data
I/O
Open drain
5
6
23
XTI
Low phase noise oscillator
I
24
XTO
O
10
SLEEP
Device power down
I
3.3
12, 15-18
SADD(4:0)
Serial address set
I
3.3
CMOS
44
SMTEST
Production test (only set low)
I
3.3
35
CLK2/GPP0
Serial clock tuner
I/O
5
6
36
DATA2/GPP1
Serial data tuner
I/O
5
6
42
AGC1
Primary AGC
O
Open drain
5
6
41
AGC2/GPP2
Secondary AGC
I/O
5
6
43
GPP(3)
General purpose I/O
I/O
5
6
9
RESET
Device reset
I
CMOS
5
27
OSCMODE
Crystal oscillator mode
I
CMOS
3.3
26
PLLTEST
PLL analog test
O
(tristated)
Analog inputs
30
VIN
positive input
I
31
VIN
negative input
I
34
RFLEV
RF level
I
Supply pins
21
PLLVdd
PLL supply
S
1.8
22
PLLGnd
S
0
7, 19, 37, 39, 59, 64
CVdd
Core logic power
S
1.8
2, 13, 45, 54,
Vdd
I/O ring power
S
3.3
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com