Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8408FS Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8408FS
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FS Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8408FS Datasheet HTML 6Page - Analog Devices DAC8408FS Datasheet HTML 7Page - Analog Devices DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices DAC8408FS Datasheet HTML 10Page - Analog Devices DAC8408FS Datasheet HTML 11Page - Analog Devices DAC8408FS Datasheet HTML 12Page - Analog Devices DAC8408FS Datasheet HTML 13Page - Analog Devices DAC8408FS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC8408
–10–
REV. A
BASIC APPLICATIONS
Some basic circuit configurations are shown in Figures 6 and 7.
Figure 6 shows the DAC8408 connected in a unipolar configu-
ration (2-Quadrant Multiplication), and Table I shows the Code
Table. Resistors R1, R2, R3, and R4 are used to trim full scale
output. Full-scale output voltage = VREF –1 LSB = VREF (1–2
–8)
or VREF × (255/256) with all digital inputs high. Low tempera-
ture coefficient (approximately 50 ppm/
°C) resistors or trim-
mers should be selected if used. Full scale can also be adjusted
using VREF voltage. This will eliminate resistors R1, R2, R3, and
R4. In many applications, R1 through R4 are not required, and
the maximum gain error will then be that of the DAC.
Each DAC exhibits a variable output resistance that is code-
dependent. This produces a code-dependent, differential non-
linearity term at the amplifier’s output which can have a maxi-
mum value of 0.67
× the amplifier’s offset voltage. This differ-
ential nonlinearity term adds to the R-2R resistor ladder differ-
ential-nonlinearity; the output may no longer be monotonic. To
maintain monotonicity and minimize gain and linearity errors, it
is recommended that the op amp offset voltage be adjusted to
less than 10% of 1 LSB (1 LSB = 2
–8
× V
REF or 1/256
× V
REF),
or less than 3.9 mV over the operating temperature range. Zero-
scale output voltage (with all digital inputs low) may be adjusted
using the op amp offset adjustment. Capacitors C1, C2, C3,
and C4 provide phase compensation and help prevent overshoot
and ringing when using high speed op amps.
Figure 7 shows the recommended circuit configuration for the
bipolar operation (4-quadrant multiplication), and Table II shows
the Code Table. Trimmer resistors R17, R18, R19, and R20
are used only if gain error adjustments are required and range
between 50
Ω and 1000 Ω. Resistors R21, R22, R23, and R24
will range betwen 50
Ω and 500 Ω. If these resistors are used, it
is essential that resistor pairs R9–R13, R10–R14, R11–R15,
R12–R16 are matched both in value and tempco. They should
be within 0.01%; wire wound or metal foil types are preferred
for best temperature coefficient matching. The circuits of Figure
6 and 7 can either be used as a fixed reference D/A converter, or
as an attenuator with an ac input voltage.
Table I. Unipolar Binary Code Table (Refer to Figure 6)
DAC Data Input
MSB
LSB
Analog Output
1 1 1 1 1 1 1 1
–VREF
255
256
1 0 0 0 0 0 0 1
–VREF
129
256
1 0 0 0 0 0 0 0
–VREF
128
256
=
–VIN
2
0 1 1 1 1 1 1 1
–VREF
127
256
0 0 0 0 0 0 0 1
–VREF
1
256
0 0 0 0 0 0 0 0
–VREF
0
256
= 0
NOTE
1 LSB = (2
–8) (V
REF) =
1
256
(VREF)
Figure 6. Quad DAC Unipolar Operation (2-Quadrant Multiplication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com