Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8408FS Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8408FS
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FS Datasheet(HTML) 1 Page - Analog Devices

  DAC8408FS Datasheet HTML 1Page - Analog Devices DAC8408FS Datasheet HTML 2Page - Analog Devices DAC8408FS Datasheet HTML 3Page - Analog Devices DAC8408FS Datasheet HTML 4Page - Analog Devices DAC8408FS Datasheet HTML 5Page - Analog Devices DAC8408FS Datasheet HTML 6Page - Analog Devices DAC8408FS Datasheet HTML 7Page - Analog Devices DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad 8-Bit Multiplying CMOS
D/A Converter with Memory
DAC8408
A common 8-bit TTL/CMOS compatible input port is used to
load data into any of the four DAC data-latches. Control lines
DS1
, DS2, and A/B determine which DAC will accept data.
Data loading is similar to that of a RAMs write cycle. Data can
be read back onto the same data bus with control line R/W. The
DAC8408 is bus compatible with most 8-bit microprocessors,
including the 6800, 8080, 8085, and Z80. The DAC8408 oper-
ates on a single +5 volt supply and dissipates less than 20 mW.
The DAC8408 is manufactured using PMI’s highly stable,
thin-film resistors on an advanced oxide-isolated, silicon-gate,
CMOS process. PMI’s improved latch-up resistant design elimi-
nates the need for external protective Schottky diodes.
ORDERING INFORMATION
1
Temperature
Package
Model
INL
DNL
Range
Description
DAC8408GP
± 1/4 LSB ± 1/2 LSB 0°C to +70°C
28-Pin Plastic DIP
DAC8408ET
± 1/4 LSB ± 1/2 LSB –40°C to +85°C
28-Pin Cerdip
DAC8408AT
2
± 1/4 LSB ± 1/2 LSB –55°C to +125°C 28-Pin Cerdip
DAC8408FT
± 1/2 LSB ± 1 LSB
–40
°C to +85°C
28-Pin Cerdip
DAC8408BT
2
± 1/2 LSB ± 1 LSB
–55
°C to +125°C 28-Pin Cerdip
DAC8408FPC
3
± 1/2 LSB ± 1 LSB
–40
°C to +85°C
28-Contact PLCC
DAC8408FS
± 1/2 LSB ± 1 LSB
–40
°C to +85°C
28-Pin SOL
DAC8408FP
± 1/2 LSB ± 1 LSB
–40
°C to +85°C
28-Pin Plastic DIP
NOTES
1Burn-in is available on commercial and industrial temperature range parts
in cerdip, plastic DIP, and TO-can packages. For outline information see Pack-
age Information section.
2For devices processed in total compliance to MIL-STD-883, add /883 after
part number. Consult factory for 883 data sheet.
3For availability and burn-in information on SO and PLCC packages, contact
your local sales office.
FEATURES
Four DACs in a 28 Pin, 0.6 Inch Wide DIP or 28-Pin JEDEC
Plastic Chip Carrier
1/4 LSB Endpoint Linearity
Guaranteed Monotonic
DACs Matched to Within 1%
Microprocessor Compatible
Read/Write Capability (with Memory)
TTL/CMOS Compatible
Four-Quadrant Multiplication
Single-Supply Operation (+5 V)
Low Power Consumption
Latch-Up Resistant
Available In Die Form
APPLICATIONS
Voltage Set Points in Automatic Test Equipment
Systems Requiring Data Access for Self-Diagnostics
Industrial Automation
Multichannel Microprocessor-Controlled Systems
Digitally Controlled Op Amp Offset Adjustment
Process Control
Digital Attenuators
GENERAL DESCRIPTION
The DAC8408 is a monolithic quad 8-bit multiplying digital-to-
analog CMOS converter. Each DAC has its own reference input,
feedback resistor, and onboard data latches that feature
read/write capability. The readback function serves as memory
for those systems requiring self-diagnostics.
FUNCTIONAL BLOCK DIAGRAM
DAC8408
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - DAC8408FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FS AD-DAC8408FS Datasheet
217Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV.A
DAC8408FS AD-DAC8408FS Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FSZ AD-DAC8408FSZ Datasheet
217Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV.A
DAC8408FSZ AD-DAC8408FSZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FSZ AD-DAC8408FSZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results

Similar Description - DAC8408FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV.A
logo
Maxwell Technologies
8408 MAXWELL-8408 Datasheet
472Kb / 20P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8408FPZ AD-DAC8408FPZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408 AD-DAC8408_15 Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com