Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS13201 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS13201
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS13201 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS13201 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PS13201
Data Sheet 210892 issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
21
Outline Drawing for 28 Lead S.O. (VAC)
Package Outline for 28 lead SOIC (ceramic) (0.150” Body Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com