Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS13201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS13201
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS13201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS13201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PS13201
Data Sheet 210892 issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
7
a)
The device should be mounted on a ground plane, ensuring that the impedance between the ground plane
and ALL the GND pins is kept as low as possible. If a multilayer PCB is used where the ground plane is connected to
the GND pins using through-plated holes (vias), it is essential to ensure that the vias have a very low impedance. ALL
supply decoupling capacitors should be RF chip capacitors whose leads should be kept as short as possible.
b)
The RF VEE connections (pins 3,5,7,11,20,22,24,26) should be connected to a low impedance copper plane. A
two layer PCB should help to achieve this.
c)
The RF input (pins 27 and 28) should be driven with a balanced source impedance. One way of achieving this is
to use an isolating BALUN transformer (50
UNBALANCED
50
BALANCED) connected between the signal
source and the RF input pins. (e.g. Mini circuits TT1–6, TO –75). The device stability is VERY sensitive to an imbalance of the
differential source impedance at pins 27 and 28. Use of a transmission line BALUN though, is NOT recommended.
d)
The RF Output connections (pins 9 and 10) should each be loaded with matched impedances ideally
50
transmission lines. The RF Output lines leading away from the device should be balanced. Driving highly
reactive SWR loads is NOT recommended as these can encourage device instability, as can an imbalance of the
differential load impedance at pins 9 and 10.
e)
The RF Output connections (pins 9 and 10) are DC coupled, and ideally the output pins should be capacitively
coupled to their loads using 1nF capacitors. However the RF Outputs can drive a DC load to GND and a DC offset of
approx. 400mV will exist on each RF Output pin. IT WILL NOT BE POSSIBLE TO DISABLE THE RF OUTPUT
BUFFER UNDER THESE CONDITIONS.
f)
The RF output (pins 9 and 10) has a tendency to limit on self noise, particularly at low ambient temperatures (-
55°C), when the RF output buffer is enabled.
NOTE that this will effect the limiting range as the gain of the RF output buffer will reduce as the amount of noise
limiting increases.
If required the limited RF Output can be attenuated using an attenuation network as shown in fig. 9. Under these
conditions the effective RF Output currents will be reduced, allowing the device to operate with a greater margin of
stability. It may be possible to run the device without a BALUN transformer on the RF input if the total output impedance
on the RF Output >> 50
, and the attenuation components are mounted as close as possible to the RF Output
connections (pins 9 and 10). The RF input connection could then be configured as in Fig 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com