Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF2.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMF2.5
Description  EM Clutch (with flange mounted field)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMF2.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMF2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.6
1.2
2.5
5
10
20
4.4 / 68.9 / 12
18 / 24
37 / 50
74 / 100
148 / 200
0.5
0.65
0.92
1.35
1.6
2.2
48
37
26
18
15
11
12
15
22
33
38
53
15
21
30
52
90
110
18
21
31
48
85
95
47
52
76
87
130
155
Torque Build Up Time [ms]
EM Clutch (with flange mounted field)
Types: 0.6, 1.2, 2.5, 5, 10, 20
24
┌────────────────
[ Special Order ]────────────────┐
TMF
Voltage [DC-V]
Static Torque [ft-lbs / N-m]
Current [A]
Armature
Release Time [ms]
Wattage [W]
Coil
(20°C)
Pull-In Time [ms]
Resistance [Ω]
TMF
47
52
76
87
130
155
5000
5000
4500
4000
3600
3000
Rotor
0.75
2.3
7.3
23
58
194
Armature
0.5
1.5
4.8
14
45
136
0.5
0.6
0.7
0.8
1.2
1.5
29 x 107
66 x 107
13 x 107
26 x 107
62 x 107
120 x 107
13 x 107
25 x 107
49 x 107
88 x 107
170 x 107
320 x 107
dH7
12
15
20
25
30
40
bE9
45577
10
t+0.15/-0
13.5
17222833
43.5
A
70
90
113
142
178
225
B
67
86
108
136
170
215
C
3545536683
107
DH8
35
45
52
65
80
100
E
62
82
100
125
156
200
Fh8
85
110
135
165
210
265
G
75
98
122
150
190
240
H
4.5
5.5
6.5
6.5
8.5
11
J
46607695
120
158
K
M3
M4
M5
M6
M8
M10
L
28.9
32.4
38
43
50.6
60.5
N
5.5
6.6
8.5
10
13.1
16.5
O
202226293342
P
3.4
3.8
3.5
4
4.5
2
R
5.8
7
8.2
10.4
14
17.5
S
0.2~0.3
0.2~0.3
0.2~0.3
0.2~0.3
0.3~0.4
0.4~0.5
T
2
2.3
2.6
2.6
2.9
3.2
1.1 / 0.5
2.2 / 1.0
3.7 / 1.7
6.6 / 3.0
13 / 6
25 / 11
[ Included parts & accessories : bolts, washers, spacers, shims, surge protector ]
[ 1 inch = 25.4 mm ]
Ogura Industrial
www.ogura-clutch.com
Total Energy Until Adjustment [J]
Total Energy Until Life [J]
Torque Build-Up Time [ms]
Max Air Gap Until Adjustment [mm]
Max Allowable Speed [rpm]
Moment of Inertia (J)
[kg-cm²]
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Bore [mm]
TMF
g
g
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
TMF


Similar Part No. - TMF2.5

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMF20 TRACOPOWER-TMF20 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 20 Series, 20 Watt
Rev. January 25, 2023
logo
Topstek Inc.
TMF2000A TOPSTEK-TMF2000A Datasheet
135Kb / 2P
Topstek Current Transducer
logo
TRACO Electronic AG
TMF20105 TRACOPOWER-TMF20105 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 20 Series, 20 Watt
Rev. January 25, 2023
TMF20112 TRACOPOWER-TMF20112 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 20 Series, 20 Watt
Rev. January 25, 2023
TMF20115 TRACOPOWER-TMF20115 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 20 Series, 20 Watt
Rev. January 25, 2023
More results

Similar Description - TMF2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
TMC ETC2-TMC Datasheet
129Kb / 1P
EM Clutch (with bearing mounted field)
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com