Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1-MOD1-3-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED1-MOD1-3-10
Description  THE UNIQUE LED-BASED DTECTION AND RANGING TECHNOLOGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED1-MOD1-3-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED1-MOD1-3-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED1-MOD1-3-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Integration
System Performance
Detection range
0 to 20 meters (65 ft)1
Accuracy
5 cm
Data refresh rate
100 Hz
Operating
-45°C to 85°C
temperature range
Distance precision
6 mm
Distance resolution 10 mm
Power consumption 1.5 W
1
Varies according to optics and target.
Beam
3°
Interfaces
3.3 V UART or RS-485
Wavelength
850 nm
Meets IEC 62471: 2006 Exempt lamp classification
criteria
Power supply
5 V
Diameter
50.8 mm
Weight
25 g
www.leddartech.com
Tel: 1 418 653-9000
TFN: 1 855 865-9900
Fax: 1 418 653-9099
Creator of the LeddarTM technology
Features
LeddarTM is a registered trademark of LeddarTech Inc. LeddarTM technology is covered by one or more of the following U.S. patents: 7635854, 7640122, 7855376, 7895007, 7917320, 8159660, 8242476, 8310655, 8319949, 8436748, 8600656, 8619241, 8723689, or international equivalents.
Other patents pending.
The module’s compact form factor and standard connector greatly facilitate integration in systems requiring detection and ranging capabili-
ties. Although not specific to level sensing, it is particularly well suited for NPT enclosures of 2” or more.
LED1 - MOD1 - XX - XX
Optional Accessories:
- USB to 3.3 V UART cable (part number: 74D0002)
- USB to RS-485 cable (part number: 74D0001)
- Bracket for standard tripod mount (1/4” – 20) (part number: 74D0003)
- Expansion module with PNP/NPN, 4–20 mA, 0–10V, RS-485
(available upon request)
Ordering Information
Product
MOD1 = Leddar™One
Sensing Module
Beam
3o
Interfaces
10 = 3.3 V UART
20 = RS-485
The content of this datasheet is subject to change without notice
ADD SENSING INTELLIGENCE TO YOUR PRODUCT
Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com