Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1-MOD1-3-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED1-MOD1-3-10
Description  THE UNIQUE LED-BASED DTECTION AND RANGING TECHNOLOGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED1-MOD1-3-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED1-MOD1-3-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED1-MOD1-3-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Leddar™One:
Innovation in the Palm of Your Hand
The Leddar™One Sensing Module brings a whole new dimension
to your innovation, adding valuable sensing intelligence to a wide
variety of products. As the Leddar™One can be easily integrated,
almost any system can benefit from its advanced detection and
ranging capabilities. This single-element sensing module is par-
ticularly suitable for applications such as level sensing, security
and surveillance and proximity detection, just to name a few.
The focused, yet conic beam offers excellent overall range and
performance. In addition, the module’s compact size, ease of
integration, low power consumption and high accuracy gives
developers and integrators great flexibility to enhance their own
branded products.
Discover Leddar™ Technology
Leddar™ (Light-Emitting Diode Detection and Ranging) is a
unique detection and ranging technology created by LeddarTech
that performs time-of-flight measurement using pulses from
infrared LEDs. Leddar™ continuously provides rapid and accurate
detection and ranging, covering narrow and wide beams, in
all cases without any moving parts. The diffused light beam,
processed through innovative algorithms, allows for the detection
of a wide range of objects under various environmental conditions.
Interfaces
The Leddar™One offers an efficient six-pin interface, including a
3.3 V UART link, or RS-485. The module uses the MODBUS protocol,
providing a robust, standard register-access interface for easy con-
figuration and acquisition of measurement data. An interrupt signal
is also provided to facilitate low-latency data acquisition.
The power and interface signals are included on a six-pin standard
0.1” pitch header with the following pinout:
1
2
3
4
5
6
GND
IRQ
5 V
RX or
RS-485+
TX or
RS-485- RESET_N
Legend:
RX/TX = 3.3 V UART
RS-485+ / RS-485- = RS-485
The RS-485 option, in combination with MODBUS, makes it
easy to integrate multiple sensors with an RS-485 network.
Additional Interface Options
With the addition of an expansion module, the Leddar™One can
be tailored to the specific needs of any application. For example,
the module is available upon request with PNP/NPN, 4-20 mA and
0-10 V outputs, and RS-485 link for industrial applications such as
level sensing and many others.
Configuration Software and
Software Development Kit
To facilitate development and integration, LeddarTech provides
dedicated configuration software (Leddar™ Configurator) and a
developmentkit(Leddar™EnablerSDK)foritsmodule.TheLeddar™
Configurator enables users to set up the sensor, as well as view,
record and play back sensor measurement data. The Leddar™
Enabler SDK includes an example program and complete source
code that demonstrates configuration and data acquisition
through the serial link and MODBUS protocol. The code can be
easily ported to any system, resulting in fast integration of the
sensor in the final application.


Similar Part No. - LED1-MOD1-3-10

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED100FLBP TIMEGUARD-LED100FLBP Datasheet
337Kb / 3P
8.5W LED Compact Floodlight Single Flood – Black
13/02/2025
LED100FLWHP TIMEGUARD-LED100FLWHP Datasheet
335Kb / 3P
8.5W LED Compact Floodlight Single Flood – White
13/02/2025
LED100PIRBP TIMEGUARD-LED100PIRBP Datasheet
377Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – Black
13/02/2025
LED100PIRWHP TIMEGUARD-LED100PIRWHP Datasheet
349Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – White
13/02/2025
logo
List of Unclassifed Man...
LED100W-018 ETC2-LED100W-018 Datasheet
694Kb / 4P
Switch Mode LED Drivers
More results

Similar Description - LED1-MOD1-3-10

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0711-110F DIALIGHT-553-0711-110F Datasheet
367Kb / 1P
The Worldwide Leader in LED Technology.
logo
Panasonic Semiconductor
AEVS16012 PANASONIC-AEVS16012 Datasheet
108Kb / 6P
Unique Silencing Technology and Low Operation Noise
logo
Leddar Technology
LED-S-45-10 LEDDARTECH-LED-S-45-10 Datasheet
1Mb / 2P
A UNIQUE DETECTION AND RANGING SOLUTION
logo
List of Unclassifed Man...
RL-N24M-24PK-R1 ETC2-RL-N24M-24PK-R1 Datasheet
251Kb / 2P
Unique LED illumination on the water block lens.
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
The unique design (patent pending) of the W Series
logo
STMicroelectronics
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
X-CUBE-TOUCHGFX STMICROELECTRONICS-X-CUBE-TOUCHGFX Datasheet
632Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
14-Jun-2021
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
21-Jul-2016
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com