Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q374 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML22Q374
Description  ADPCM Speech Synthesis LSI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q374 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML22Q374 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
FEDL22Q374-02
ML22Q374
2/35
The following table shows the differences among the other speech synthesis LSIs.
Parameter
ML22330/
ML22Q330
ML22Q374
ML22Q384
ML22Q394
CPU interface
Serial
←
Event input
I2C
Memory capacity
640Kbit
692Kbit
←
←
Playback method
4-bit ADPCM2
8-bit nonlinear PCM
8-bit straight PCM
16-bit straight PCM
←
←
←
Maximum number
of phrases
30
←
←
←
Sampling
frequency (kHz)
6.4/8.0/10.6/
12.0/12.8/16.0/
21.3/25.6/32.0
←
←
←
Clock frequency
4.096MHz
(with a built-in crystal
oscillator circuit)
4.096MHz
(internal oscillation)
←
←
Low-pass filter
FIR interpolation filter
←
←
←
Speaker driving
amplifier
Built-in AB-Class
0.7W
(8
Ω, DV
DD = 5 V)
Built-in D-Class
1.0W
(8
Ω, DV
DD = 5 V)
←
←
Edit ROM function
Yes
←
←
←
Volume control
32 levels
←
←
←
Silence insertion
Yes
20 ms to 1024 ms
(4 ms/step)
←
←
←
Repeat function
Yes
←
←
←
Power supply
voltage
2.3 V to 5.5 V
2.0 V to 5.5 V
←
←
Operating
temperature range
–40 to +85
°C
←
←
←
Package
30-pin SSOP
16-pin SSOP
←
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com