Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q374 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML22Q374
Description  ADPCM Speech Synthesis LSI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q374 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML22Q374 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
FEDL22Q374-02
ML22Q374
21/35
Notice of silence insertion function
If it is only silence phrase registered, please put in order three or more silence phrase.
The phrase which is constituted from one or two of silence phrase does not playback.
Example 3)
Phrase composition in the case of using silence insertion function
The phrase to playback (The phrase 2 is playbacked twice on both sides of 1 sec silence.)
A
D
B
1 sec which is constituted by the three silences is registered as the phrase 8.
Silence
A
B
D
Phrase 2
Phrase 2
Phrase 8
1sec silence
Silence
336ms
Silence
insertion
Silence
Silence
336ms
Silence
insertion
328ms
Silence
insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com