Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22804 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML22804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22804 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML22804 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
The table below summarizes the differences between the ML2216 and the ML2280X.
Item
ML2216
ML2280X
CPU interface
Serial
Serial
Playback method
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
Maximum number of phrases
256
256 up to 1024 (per bank)
Sampling frequency (kHz)
4.0/5.3/6.4/
8.0/10.7/12.8
16.0
4.0/5.3/6.4/
8.0/10.7/12.8
16.0
Clock frequency
4.096 MHz (has a crystal
oscillator circuit built-in)
4.096 MHz (has a crystal
oscillator circuit built-in)
D/A converter
Current-type 12-bit
Current-type 12-bit
Low-pass filter
3D comb filter
3D comb filter
Speaker driving amplifier
Built-in type;
0.3W (at 8
Ω, VDD=5V)
No
Edit ROM
Yes
Yes
Volume control
16 levels
16 levels
Silence insertion
Yes
20 to 1024 ms (4 ms steps)
Yes
20 to 1024 ms (4 ms steps)
Repeat function
Yes
Yes
Interval at which a seam is
silent during continuous
playback (*1)
No
No
Memory bank switching
No
Yes
Package
44-pin QFP
30-pin SSOP
*1: Continuous playback as shown below is possible.
1 phrase
1 phrase
No silence interval
2/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com