Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22804 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ML22804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22804 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ML22804 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
FUNCTIONAL DESCRIPTION
Serial CPU Interface
Command data can be input through the DI pin by signals input through the
CS and SCK pins.
Setting the
CS pin to a “L” level enables the serial CPU interface.
After the
CS pin is set to a “L” level, the command data, which is synchronized with the SCK clock signal, is
input through the DI pin from the MSB.
The command data input through the DI pin is shifted into the LSI on
the rising or falling edges of the SCK clock pulses and the command is executed by the rising or falling edge of
the eighth pulse of the SCK clock.
Choosing between rising edges and falling edges of the clock pulses input through the SCK pin is determined by
the signal input through the DIPH pin:
- When the DIPH pin is at a “L” level, the data input through the DI pin is shifted into the LSI on the rising
edges of the SCK clock pulses.
- When the DIPH pin is at a “H” level, the data input through the DI pin is shifted into the LSI on the falling
edges of the SCK clock pulses.
It is possible to input command data in the LSI even by holding the
CS pin continuously at a “L” level.
However, if unexpected pulses caused by noise are induced through the SCK pin, SCK clock pulses are
incorrectly counted.
As a result, command data cannot be input correctly.
Setting the
CS pin to a “H” level
returns the count of the SCK clock pulses to the initial state.
Command and Data Input Timings
CS
SCK
DI
• SCK rising edge operation (when DIPH pin = “L” level)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
CS
SCK
DI
• SCK falling edge operation (when DIPH pin = “H” level)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
CS
SCK
DI
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
CS
SCK
DI
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
20/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com