Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604-S16-R Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # UM604-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UM604-S16-R Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  UM604-S16-R Datasheet HTML 1Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 2Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 3Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 4Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 5Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 6Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UM604/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R105-032.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Harmonic Distortion
THD
f=1kHz
GV=20dB, RL=2, VCC=30V
CL=100pF, Vo=2Vpp
0.02
%
Equivalent Input Noise Voltage
eN
F=1kHz, Vcc=30V, Rs=100Ω
50
nV
Hz
Channel Separation
CS
1kHz<f<20kHz
120
dB
Note 1: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more
than 0.3V, the upper end of the common-mode voltage range is Vcc
+-1.5V. But either of both inputs can go
to +36V without damage.
VOLTAGE REFERENCE
PARAMETER
SYMBOL
RATING
UNIT
Cathode Current
Ik
1 ~ 100
mA
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UM604A
±0.4%, Ta=25℃
TMIN≤Ta≤ TMAX
2.49
2.48
2.5
2.51
2.52
Reference Input
Voltage
UM604
VREF
±1%, Ta=25℃
TMIN≤Ta≤ TMAX
2.475
2.45
2.5
2.525
2.55
V
Reference Input Voltage
Deviation Over Temperature
Range
△
VREF
VKA=VREF; Ik=10mA
TMIN≤Ta≤ TMAX
7
30
mV
Ratio of Change in Reference
Input Voltage to Charge in
Cathode to Anode Voltage
△
VREF
V
△ KA
Ik=10mA, △VKA=36V ~ 3V
-2
-1.1
MV/V
Reference Input Current
IREF
Ik=10mA
TMIN≤Ta≤ TMAX
1.5
2.5
3
µA
Reference Input Current
Deviation over TºRange
0.8
1.2
µA
Minimum Cathode Current for
Regulation
IMIN
VKA= VREF
0.5
1
mA
Off-State Cathode current
IOFF
180
500
nA
Dynamic Impedance-note
1)
「
ZKA」 VKA= VREF,
Ik=1 ~ 100mA,
△
f<1kHz
0.2
0.5
Ω
1.The dynamic impedance is defined as「ZKA」=
VkA
△
VIk
△



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com