Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604-S16-R Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # UM604-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UM604-S16-R Datasheet(HTML) 6 Page - E-Tech Electronics LTD

  UM604-S16-R Datasheet HTML 1Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 2Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 3Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 4Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 5Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 6Page - E-Tech Electronics LTD UM604-S16-R Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UM604/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R105-032.B
OPERATIONAL AMPLIFIERS(Cont.)
Total Harmonic Distorsion THD=F(freq)
Frequency (Hz)
0.014
0.004
0.006
0.008
0.01
0.012
10
100
1000
10000
Noise = F (frequency)
Frequency (Hz)
80
0
20
40
60
0.01
0.1
1
10
Vio Distribution-Operator 1
Vcc+=5V,Vcc-=0V
80
0
20
40
60
-3 -2.5
-1
0.5
Vio(mV)
3
-2
-1.5
-0.5
0
1
1.5
2
2.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com