Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604A-S16-R Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # UM604A-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UM604A-S16-R Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  UM604A-S16-R Datasheet HTML 1Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 2Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 3Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 4Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 5Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 6Page - E-Tech Electronics LTD UM604A-S16-R Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UM604/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R105-032.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
36
V
Differential Input Voltage
VDIFF
36
V
Input Voltage
VIN
-0.3 ~ +36
V
Output Short-Circuit Duration
ID
Infinite
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
VCC
+=5V, VCC-=0V, Ta=25℃ (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC
+=5V, no load, TMIN<Ta<TMAX
1.4
2.4
Total Supply Current, Excluding
Current In The Voltage Reference
ICC
VCC
+=30V, no load, TMIN<Ta<TMAX
4
mA
ELECTRICAL CHARACTERISTICS
VCC
+ =5V, VCC- =Ground, VOUT=1.4V, Ta=25℃ (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UM604A
Ta=25
°C
TMIN≤Ta≤ TMAX
0.5
3
4
Input Offset Voltage
UM604
VI(OFF)
Ta=25
°C
TMIN≤Ta≤ TMAX
1
5
6
mV
Input Offset Voltage Drift
△
VI(OFF)
7
µV/
°
C
Input Offset Current.
II(OFF)
TMIN≤Ta≤ TMAX
2
30
50
nA
Input Bias Current
II(BIAS)
TMIN≤Ta≤ TMAX
20
150
200
nA
Large Signal Voltage Gain
GV
VCC=15V, RL=2k, VOUT=1.4V ~11.4V
TMIN≤Ta≤ TMAX
50
25
100
V/mV
Supply Voltage Rejection Ratio
SVR
VCC=5V ~ 30V
65
100
dB
Input Common Mode Voltage
Range
VI(CM)
VCC=+30V(see note
1)
TMIN≤Ta≤ TMAX
0
0
(Vcc+)-1.5
(Vcc+)-2
V
Common Mode Rejection Ratio
CMRR
TMIN≤Ta≤ TMAX
70
60
85
dB
Output Current Source
IO(SOUR)
VOUT=2V, VCC=+15V, VID=+1V
20
40
mA
Output Short Circuit to Ground
IO(SC)
VCC=+15V
40
60
mA
Output Current Sink
IO(SINK)
VID= -1V, VCC=+15V, VOUT=+2V
10
20
mA
High Level Output Voltage
VOH
RL=10k , VCC
+=30V
Ta=25℃
TMIN≤Ta≤ TMAX
27
27
28
V
Low Level Output Voltage
VOL
RL=10k
TMIN≤Ta≤ TMAX
5
20
20
mV
Slew Rate at Unity Gain
SR
VIN=0.5 ~ 3V, VCC=15V
RL=2kΩ, CL=100pF, unity gain
0.1
0.3
V/µs
Gain Bandwidth Product
GBP
Vcc=30V, RL=2K, CL=100pF
f=100kHz, Vin=10mV
0.5
0.9
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com